Part Number Hot Search : 
74F82300 HER308 BUT11A 7456M 29GL032 MC10E MAX41 BA202
Product Description
Full Text Search
 

To Download GXO-6451 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 5V SM Oscillator
Specifications
GXO-6451
Product GXO-6451 Option Codes
Parameters
Frequency range: 0.50 ~ 107MHz Frequency stability: 100ppm 50ppm 25ppm
B A
Operating temperature range: -10 to +70C -40 to +85C
6.20 (max)
I
Storage temperature range: -55 to +125C
3.70 (max)
Supply voltage (VDD): +5.0V (5%) ACTUAL SIZE Supply current (max): 15mA (0.5 ~ 14.9MHz) 15mA (15.0 ~ 29.9MHz) 25mA (30.0 ~ 39.9MHz) 35mA (40.0 ~ 49.9MHz) 40mA (50.0 ~ 59.9MHz) 40mA (60.0 ~ 69.9MHz) 50mA (70.0 ~ 89.9MHz) 60mA (90.0 ~ 107MHz) Logic levels:`0' level = 10%VDD max `1' level = 90%VDD min Start up time: 10ms max
5.40 2.00 (max)
PAD 1 2 3 4
CONNECTION
Not connected or Enable/Disable
Ground Output Supply
1 4 1.50
2 3 1.00 2.20
4 1 2.60
3 2 2.20
1.40 1.10 1.40
TOP VIEW
Scale 3:1
Waveform symmetry: 45:55 max 40:60 max (>50.0 ~ 107MHz) Driving ability: 15pF HCMOS (*see note) Rise / fall time: 10ns max 6ns max (>40.0MHz) Enable / disable function: None (pad 1 not connected) Standard tristate, no power saving (E/D times 100ns / 100ns) Power-saving, standby current 10A (E/D times 10ms / 100ns) N
Features

Ceramic package with metal lid Standard frequencies held in stock Enable / disable tristate function Power saving option Competitive pricing
P
Standard. Optional - Please specify required code(s) when ordering * Note: will drive up to 50pF, but figures for rise/fall and supply current may vary from those shown. For details, contact our sales office.
Standard Frequencies
Frequencies in MHz 1.84320 2.00000 3.68640 4.00000 5.00000 8.00000 10.00000 12.00000 14.31818 16.00000 20.00000 24.00000 24.57600 25.00000 29.49120 30.00000 32.00000 32.76800 33.86880 36.86400 40.00000 44.23680 48.00000 50.00000 60.00000 64.00000 66.66600 70.00000 80.00000
Ordering Information
Product name + option codes (if any) + frequency eg: GXO-6451 16.0MHz 5V, 100ppm, -10+70C GXO-6451/BIP 24.0MHz 5V, 50ppm, -40+85C, power-saving
Available on T&R - 3k pcs per reel. Refer to our website for T&R and soldering details.
Other frequencies available. Please consult our sales office.
Enable / Disable Function
Input (pad 1) Open `1' level `0' level Output (pad 3) Enabled Enabled High Impedance
Tel: +44 1460 256 100
20 Jan 2001
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com


▲Up To Search▲   

 
Price & Availability of GXO-6451

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X